|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TLP3506 TOSHIBA Photocoupler GaAs Ired & Photo-Triac TLP3506 Triac Driver Programmable Controllers AC-Output Module Solid State Relay The TOSHIBA TLP3506 consists of a photo-triac optically coupled to a gallium arsenide infrared emitting diode in a 8 lead plastic DIP. * * * * * Peak off-state voltage: 600 V (min.) Trigger LED current: 10 mA (max.) On-state current: 0.5Arms (max.) Isolation voltage: 2500 Vrms (min.) UL recoguized: UL1577, file no. E67349 Unit in mm Pin Configuration (top view) 8 TOSHIBA Weight: 0.52 g 11-10C3 2 3 6 5 2 : ANODE 3 : CATHODE 5 : TRIAC GATE 6 : TRIAC T1 8 : TRIAC T2 1 2002-09-25 TLP3506 Maximum Ratings (Ta = 25C) Characteristic Forward current Forward current derating (Ta 53C) LED Peak forward current (100 s pulse, 100 pps) Reverse voltage Junction temperature Off-state output terminal voltage On-state RMS current Detector Ta = 40C Ta = 60C Symbol IF IF / C IFP VR Tj VDRM IT(RMS) IT / C ISP ITSM Tj Tstg Topr Tsol (Note) BVS Rating 50 -0.7 1 5 125 600 0.5 0.35 -7.2 2 5 110 -40~125 -20~80 260 2500 Unit mA mA / C A V C V A mA / C A A C C C C Vrms On-state current derating (Ta 40C) Peak current from snubber circuit (100s pulse, 120 pps) Peak nonrepetitive surge current (50 Hz, peak) Junction temperature Storage temperature range Operating temperature range Lead soldering temperature (10 s) Isolation voltage (AC, 1 min., R.H. 60%) (Note)Device considered a two terminal: LED side pins shorted together and detector side pins shorted together. Recommended Operating Conditions Characteristic Supply voltage Forward current Peak current from snubber circuit Operating temperature Symbol VAC IF ISP Topr Min. 15 -20 Typ. 20 Max. 240 25 1 80 Unit Vac mA A C 2 2002-09-25 TLP3506 Individual Electrical Characteristics (Ta = 25C) Characteristic Forward voltage LED Reverse current Capacitance Peak off-state current Peak on-state voltage Detector Holding current Critical rate of rise of off-state voltage Critical rate of rise of commutating voltage Symbol VF IR CT IDRM VTM IH dv / dt dv / dt (c) Vin = 240 Vrms Test Condition IF = 10 mA VR = 5 V V = 0, f = 1 MHz VDRM = 600 V, Ta = 110C ITM = 0.75 A (Fig.1) Min. 1.0 Typ. 1.15 30 500 5 Max. 1.3 10 100 3.0 25 Unit V A pF A V mA V / s V / s Vin = 240 Vrms, IT = 0.5 Arms (Fig.1) Coupled Electrical Characteristics (Ta = 25C) Characteristic Trigger LED current Capacitance (input to output) Isolation resistance Symbol IFT CS RS VT = 6 V VS = 0, f = 1 MHz VS = 500 V AC, 1 minute Isolation voltage BVS AC, 1 second, in oil DC, 1 minute, in oil Test Condition Min. 5x1010 2500 Typ. 1.5 1014 5000 5000 Max. 10 Unit mA pF Vrms Vdc Fig.1: dv / dt test circuit Rin VCC 120 2 3 6 5 RL 8 Vin dv / dt (c) dv / dt 0V 5V,VCC 3 2002-09-25 TLP3506 IF - Ta 100 1.0 IT(RMS) - Ta (mA) On-state current IT(RMS) Allowable forward current IF (mA) 80 0.8 60 0.6 40 0.4 20 0.2 0 -20 0 20 40 60 80 100 120 0 -20 0 20 40 60 80 100 120 Ambient temperature Ta (C) Ambient temperature Ta (C) 5000 3000 IFP - DR Pulse width 100s Ta = 25C 100 50 30 Ta = 25C IF - VF Allowable pulse forward current IFP (mA) 1000 500 300 (mA) Forward current IF 3 10 -3 10 5 3 100 50 30 10 1 0.5 0.3 3 10 -2 3 10 -1 3 10 0 Duty cycle ratio DR 0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 Forward voltage VF (V) VF /Ta - IF 1000 -2.8 500 300 IFP - VFP Forward voltage temperature Coefficient VF /Ta (mV / C) -2.4 -2.0 -1.6 -1.2 -0.8 -0.4 0.1 IFP Pulse forward current (mA) 100 50 30 10 5 3 1 0.6 Pulse width 10s Repetitive frequency = 100Hz Ta = 25C 1.0 1.4 1.8 2.2 2.6 3.0 0.3 0.5 1 3 5 10 30 50 Forward current IF (mA) Pulse forward voltage VFP (V) 4 2002-09-25 TLP3506 Normalized IFT - Ta 3 2 VT = 6V 3 2 Normalized IH - Ta Trigger led current IFT (arbitrary unit) 0.5 Holding current IH (arbitrary unit) -20 0 20 40 100 1.2 1 1.2 1 0.5 0.3 0.3 0.1 -40 60 80 0.1 -40 -20 0 20 40 60 80 100 Ambient temperature Ta (C) Ambient temperature Ta (C) Normalized IDRM - Ta 103 VDRM = Rated 1.4 Normalized VDRM - Ta 10 2 Off-state output terminal voltage VDRM (arbitrary unit) Peak off-state current IDRM (arbitrary unit) 1.2 1.0 0.8 101 0.6 100 0.4 0 20 40 60 80 100 0.2 -40 -20 0 20 40 60 80 100 Ambient temperature Ta (C) Ambient temperature Ta (C) Normalized Led Current - Led Current Pulse Width 10 Normalized led current IF / IFT 5 3 2 1.8 1.6 1.4 1.2 1 10 30 50 100 300 500 1000 LED current pulse width PW (s) 5 2002-09-25 TLP3506 RESTRICTIONS ON PRODUCT USE * 000707EBC TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not dispose of the products with other industrial waste or with domestic garbage. The products described in this document are subject to the foreign exchange and foreign trade laws. The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. The information contained herein is subject to change without notice. * * * * * 6 2002-09-25 |
Price & Availability of TLP3506 |